Part Number Hot Search : 
NSSW045T UZ7860 WFR630 27100 C5315 NE521D SB154 HC49U
Product Description
Full Text Search
 

To Download ASFLK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
ASFLK SERIES
FEATURES: * Pb-Free/RoHS Compliant * Smallest industry package * Tri state function * Suitable for high density SMT * IR reflow capable * Seam sealed
Pb RoHS Compliant
APPLICATIONS: * CCD clock for VTR camera * Computers and peripherals * Portable MP3 players and games
5.0 x 3.2 x 1.3mm
|||||||||||||||
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N: Frequency range: Operating temperature: Storage temperature: Overall Frequency Stablilty: Supply Voltage (Vdd): Supply Current: Symmetry: Rise and Fall Times (Tr/Tf): Output Load: Output Voltage: Start-up-time: Tristate function: Aging at 25C/year: ASFLK Series 32.768kHz 0C to + 70C (see options) -55C to +125C 100ppm max. (see options) 3.3 Vdc 10% (see options) 7 mA max. 40/60 % max.@ 1/2Vdd (see options) 250 nS max. 15pF VOL = 2.97V min.; VOH = 0.33V max. 10ms max. Logic "1" or open: Oscillation Logic "0" (VIL < 0.8 Vdc) : Hi Z 5ppm/year max.
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
ASFLK - 32.768kHz -
-
-
-
-
Supply Voltage Y 2.8V5% Z 3.0V10%
Freq. Stability J 20ppm R 25ppm K 30ppm H 35ppm
B
Packaging Tape and T Reel
Operating Temp. E -20C to +70C F -30C to +70C N -30C to +85C L -40C to +85C
*Contact ABRACON for extended. temperature range.
C
tighter freq. stability.
40ppm 50ppm
Contact ABRACON for
Symmetry S
45/55% max at 1/2Vdd
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 06.28.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
ASFLK SERIES
OUTLINE DRAWING:
Pb RoHS Compliant
5.0 x 3.2 x 1.3mm
|||||||||||||||
Note: Recommend using an approximately 0.01uF bypass capacitor between PIN 2 and 4.
Dimensions: Inches (mm)
PIN 1 2 3 4
FUNCTION
E/D
GND Output Vdd
TAPE & REEL:
Tape and reel (1,000pcs/reel)
Dimensions: mm
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 06.28.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ASFLK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X